Part Number Hot Search : 
MTDA20A2 00ETTS 2SC4226W WM8750BL 00069 WM8750BL AP4511M T6816
Product Description
Full Text Search
 

To Download SOD-123F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
05E1 THRU 05E6
SURFACE MOUNT SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 400 Volts CURRENT 0.5 Ampere
FEATURES
* * * * * * * High reliability Low leakage Low forward voltage High current capability Super fast switching speed High surge capability Good for switching mode circuit
.114 (2.9) .106 (2.7)
SOD-123F
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.016 gram
(0.90) .028 (0.70)
.035
.077 (1.95) .069 (1.75)
.008
(0.20)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.053 (1.35) .047 (1.20)
.030 (0.75) .022 (0.55) .150 (3.8) .142 (3.6)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Volts Maximum DC Blocking Voltage Maximum Average Forward Current at TA = 55 oC Peak Forward Surge Current IFM (surge):8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ, TSTG 12 -55 to + 150 05E1 50 35 50 05E2 100 70 100 05E3 150 105 150 0.5 15 14 05E4 200 140 200 05E5 300 210 300 05E6 400 280 400 UNITS Volts Volts Volts Amps Amps pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage at 0.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF=0.5A, IR=-1.0A, IRR=-0.25A. 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts. 3. "Fully ROHS compliant", "100% Sn plating (Pb-free)". @TA = 25 o C @TA =100 o C SYMBOL VF IR trr 05E1 05E2 0.95 5.0 uAmps 100 35 nSec 2006-3 REV:B 05E3 05E4 05E5 1.25 05E6 UNITS Volts
RATING AND CHARACTERISTIC CURVES ( 05E1 THRU 05E6 )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
AVERAGE FORWARD CURENT, (A)
50 NONINDUCTIVE
10 NONINDUCTIVE
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE 1.0
Single Phase Half Wave 60Hz Resistive or Inductive Load
trr +0.5A
(-) PULSE
GENERATOR
(+) 25 Vdc (approx) (-)
D.U.T
0 -0.25A
0.5
(NOTE 2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE 1) (+)
-1.0A
NOTES:1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedance = 50 ohms.
0 0 25 50 75 100 125 150175
1cm SET TIME BASE FOR 10 ns/cm
AMBIENT TEMPERATURE (
)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
100
INSTANTANEOUS REVERSE CURRENT, (uA)
10
CHARACTERISTICS
TJ = 150
10
TJ = 100
1.0
1~0
05E
.1
TJ = 25
.01
Pulse Width = 300uS 1% Duty Cycle
.01
.001 0 20 40 60 80 100 120 140 0 .2 .4 .6 .8 1.0 1.2 1.4
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT, (A)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
25 20 15 12 9 6 3 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave (JEDEC Method)
200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100
TJ = 25
05E1 ~05E 4
05E5~05
05E
E6
REVERSE VOLTAGE, ( V )
RECTRON
5~
05E
1.0
.1
5E4
TJ = 25
6
Mounting Pad Layout
0.014 MIN. (0.36 MIN.)
0.029 MIN. (0.73 MIN.)
0.150 (3.80) REF
Dimensions in inches and (millimeters)
RECTRON


▲Up To Search▲   

 
Price & Availability of SOD-123F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X